Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJH16006A Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MJH16006A
Szczegółowy opis  POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH16006A Arkusz danych(HTML) 4 Page - Motorola, Inc

  MJH16006A Datasheet HTML 1Page - Motorola, Inc MJH16006A Datasheet HTML 2Page - Motorola, Inc MJH16006A Datasheet HTML 3Page - Motorola, Inc MJH16006A Datasheet HTML 4Page - Motorola, Inc MJH16006A Datasheet HTML 5Page - Motorola, Inc MJH16006A Datasheet HTML 6Page - Motorola, Inc MJH16006A Datasheet HTML 7Page - Motorola, Inc MJH16006A Datasheet HTML 8Page - Motorola, Inc MJH16006A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJH16006A
4
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
Figure 6. Storage Time
Figure 7. Storage Time
3000
2000
1000
700
500
300
400
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
3000
2000
1000
700
500
300
1
400
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
400
300
200
100
70
40
1
50
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
500
300
200
100
50
1
70
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Collector Current Fall Time
Figure 9. Collector Current Fall Time
Figure 10. Crossover Time
Figure 11. Crossover Time
2 V
VBE(off) = 0 V
IC/IB1 = 5, TC = 75°C, VCE(pk) = 400 V
IC/IB1 = 10, TC = 75°C, VCE(pk) = 400 V
5 V
2
3
5
7
10
1
2 V
5 V
2 V
5 V
0 V
2 V
5 V
2
3
5
7
10
400
300
200
100
70
40
1
50
2 V
5 V
2 V
5 V
2
3
5
7
10
500
300
200
100
50
1
70
*
βf =
IC
IB1
VBE(off) = 0 V
VBE(off) = 0 V
VBE(off) = 0 V
VBE(off) = 0 V
VBE(off) = 0 V
2 V
5 V
TYPICAL INDUCTIVE SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com