Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJH16006A Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MJH16006A
Szczegółowy opis  POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH16006A Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MJH16006A Datasheet HTML 2Page - Motorola, Inc MJH16006A Datasheet HTML 3Page - Motorola, Inc MJH16006A Datasheet HTML 4Page - Motorola, Inc MJH16006A Datasheet HTML 5Page - Motorola, Inc MJH16006A Datasheet HTML 6Page - Motorola, Inc MJH16006A Datasheet HTML 7Page - Motorola, Inc MJH16006A Datasheet HTML 8Page - Motorola, Inc MJH16006A Datasheet HTML 9Page - Motorola, Inc MJH16006A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MJH16006A
7
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1
0.01
0.01
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
R
θJC = 1.17 or 1°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.02
SINGLE PULSE
0.1
0.1
0.5
0.2
100
0
Figure 18. Thermal Response
0.5
0.3
0.07
0.03
0.03
0.3
3
30
300
0.02
0.05
0.01
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 14a and 14b is based on TC = 25_C;
TJ(pk) is variable depending on power level. Second break-
down pulse limits are valid for duty cycles to 10% but must be
derated when TC ≥ 25_C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable current
at the voltages shown on Figures 14a and 14b may be found
at any case temperature by using the appropriate curve on
Figure 16.
TJ(pk) may be calculated from the data in Figure 18. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base–to–emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Biased Safe Operating Area
and represents the voltage current condition allowable dur-
ing reverse biased turnoff. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 15 gives the RBSOA character-
istics.
SWITCHMODE III DESIGN CONSIDERATIONS
1. FBSOA —
Allowable dc power dissipation in bipolar power transistors
decreases dramatically with increasing collector emitter
voltage. A transistor which safely dissipates 100 watts at
10 volts will typically dissipate less than 10 watts at its rated
VCEO(sus). From a power handling point of view, current and
voltage are not interchangeable (see Application Note
AN875).
2. TURN–ON —
Safe turn–on load line excursions are bounded by pulsed
FBSOA curves. The 10
µs curve applies for resistive loads,
most capacitive loads, and inductive loads that are clamped
by standard or fast recovery rectifiers. Similarly, the 100 ns
curve applies to inductive loads which are clamped by ultra–
fast recovery rectifiers, and are valid for turn–on crossover
times less than 100 ns (see Application Note AN952).
At voltages above 75% of VCEO(sus), it is essential to pro-
vide the transistor with an adequate amount of base drive
VERY RAPIDLY at turn–on. More specifically, safe operation
according to the curves is dependent upon base current rise
time being less than collector current rise time. As a general
rule, a base drive compliance voltage in excess of 10 volts is
required to meet this condition (see Application Note
AN875).
3. TURN–OFF —
A bipolar transistor’s ability to withstand turn–off stress is
dependent upon its forward base drive. Gross overdrive vio-
lates the RBSOA curve and risks transistor failure. For this
reason, circuits which use fixed base drive are often more
likely to fail at light loads due to heavy overdrive (see Ap-
plication Note AN875).
4. OPERATION ABOVE VCEO(sus) —
When bipolars are operated above collector–emitter
breakdown, base drive is crucial. A rapid application of ade-
quate forward base current is needed for safe turn–on, as is
a stiff negative bias needed for safe turn–off. Any hiccup in
the base–drive circuitry that even momentarily violates either
of these conditions will likely cause the transistor to fail.
Therefore, it is important to design the driver so that its out-
put is negative in the absence of anything but a clean crisp
input signal (see Application Note AN952).



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com