Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJH16006A Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MJH16006A
Szczegółowy opis  POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH16006A Arkusz danych(HTML) 3 Page - Motorola, Inc

  MJH16006A Datasheet HTML 1Page - Motorola, Inc MJH16006A Datasheet HTML 2Page - Motorola, Inc MJH16006A Datasheet HTML 3Page - Motorola, Inc MJH16006A Datasheet HTML 4Page - Motorola, Inc MJH16006A Datasheet HTML 5Page - Motorola, Inc MJH16006A Datasheet HTML 6Page - Motorola, Inc MJH16006A Datasheet HTML 7Page - Motorola, Inc MJH16006A Datasheet HTML 8Page - Motorola, Inc MJH16006A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJH16006A
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
0.2
1
2
0.5
0.3
1
IB, BASE CURRENT (AMPS)
0.5
0.3
0.2
0.2
100
0.2
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1
0.3
0.5
1
5
10
20
30
10
5
Figure 2. Collector–Emitter Saturation Region
0.1
IC, COLLECTOR CURRENT (AMPS)
0.1
0.3
0.5
3
1
0.5
50
3
1
2
3
10
Figure 3. Collector–Emitter Saturation Region
5
0.5
0.1
0.2
0.3
1
10
2
5
0.5
Figure 4. Base–Emitter Saturation Region
Figure 5. Capacitance
10
2
10 k
1
VR, REVERSE VOLTAGE (VOLTS)
10
10
1 k
100
850
100
0.1
TJ = 25°C
Cib
3 A
TJ = 100°C
– 55
°C
25
°C
20
2
3
IC/IB = 10
TJ = 100°C
IC/IB = 10
TJ = 25°C
1.5
1
2
10
0.1
2
5
0.3
0.2
0.2
5
3
5 A
8 A
1 A
IC/IB = 10
TJ = 25°C
5
0.3
3
Cob
TYPICAL STATIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com