Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CV500-SLK21 Arkusz danych(PDF) 22 Page - Omron Electronics LLC

Numer części CV500-SLK21
Szczegółowy opis  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Arkusz danych(HTML) 22 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 18Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 19Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 20Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 21Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 22Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 23Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 24Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 25Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 182 page
background image
9
Remote I/O can be enabled by adding a SYSMAC BUS/2 Remote I/O System to
the PC. The SYSMAC BUS/2 Remote I/O System is available in two types: opti-
cal and wired.
Two Remote I/O Master Units, optical or wired, can be mounted to the CV500 or
CVM1-CPU01-EV2 CPU Rack or Expansion CPU Rack. Four Remote I/O Mas-
ter Units can be mounted to the CV1000, CV2000, or CVM1-CPU11/21-EV2
CPU Rack or Expansion CPU Rack.
Up to eight Remote I/O Slave Racks can be connected per PC.
Slaves can be used to provide up to 1,024 remote I/O points for the CV500 or
CVM1-CPU01-EV2; up to 2,048 remote I/O points for the CV1000, CV2000, or
CVM1-CPU11/21-EV2. These limits are the totals for all Slaves control by one
PC.
A Programming Device (such as the CVSS) can be connected to up to two Re-
mote I/O Slave Units for each Remote I/O Master Unit as long as a total of no
more than four Programming Devices are connected per PC.
Remote I/O Master Unit
CV500-RM211 (optical)
CV500-RM221 (wired)
CV500, CVM1-CPU01-EV2:
4 Masters max. can be mounted
CV1000, CV2000, CVM1-CPU11/21-EV2: 8 Masters max. can be mounted
CV-series
CPU Rack/Expansion CPU Rack
Remote I/O Slave
Up to 8 Slave can be con-
nected per PC for 58M
Slaves; 4 Slaves for 122M
or 54MH Slaves.
Remote I/O Slave Unit
CV500-RT211 (optical)
CV500-RT221 (wired)
SYSMAC BUS/2 Remote I/O
System
Networks and Remote I/O Systems
Section 1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More