| Zakładka z wyszukiwarką danych komponentów |
|
CV500-SLK21 Arkusz danych(PDF) 44 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Arkusz danych(HTML) 44 Page - Omron Electronics LLC |
|
44 / 182 page ![]() 31 2-3-2 I/O Control Units An I/O Control Unit must be mounted to the CPU Rack in order to connect the CPU Rack to an Expansion CPU Rack or to more than one Expansion I/O Rack. Three I/O Control Unit models are available, the CV500-IC101 for connecting an Expansion CPU Rack and/or CV-series Expansion I/O Racks, the CV500-IC201 for connecting just CV-series Expansion I/O Racks, and the CV500-IC301 for connecting C500 Expansion I/O Racks. An I/O Control Unit can be mounted even if no Expansion I/O or Expansion CPU Rack is used. The I/O Control Unit must be mounted to the leftmost slot on the CPU Backplane. Display Display mode selector Changes the data displayed on the display. CPU Bus Connector For connect- ing an Expansion CPU Rack I/O Connector Two series of Expan- sion I/O Racks can be connected. Both connectors have identical func- tions. To connect an Expansion CPU Rack, connect one I/O connecter and the CPU bus connector to the corre- sponding connectors on the I/O Inter- face Unit on the Expansion CPU Rack. CV500-IC101 CV500-IC201 Display Display mode selector Changes the data displayed on the display. I/O Connector Two series of Ex- pansion I/O Racks can be con- nected. Both connectors have identical functions. Display Display mode selector Changes the data displayed on the display. I/O Connector Connects the I/O Connecting cable for the C500 Ex- pansion I/O Racks. CV500-IC301 Rack Components Section 2-3 |