| Zakładka z wyszukiwarką danych komponentów |
|
CV500-SLK21 Arkusz danych(PDF) 45 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Arkusz danych(HTML) 45 Page - Omron Electronics LLC |
|
45 / 182 page ![]() 32 Display Modes The display mode selector allows one of four modes to be selected. By pressing the switch successively, the four modes can be sequentially accessed. The cur- rent mode is displayed in the form of a dot on the display. The following diagram illustrates the four possible modes. Lit in mode 1 Lit in mode 2 Lit in mode 3 Lit in mode 4 “0000” is displayed until the I/O Connecting Cables are connected properly. Mode 1 displays the address of the first word on each Rack. The following exam- ple illustrates the mode 1 display for a given Rack. 16- pt. I/O Word 36 Indicates mode 1 Word 37 Word 38 16- pt. I/O Mode 2 indicates the operating status of the CPU as well as the rack number. Indicates the CPU is in the RUN mode, a non-fatal error has occurred, a Peripheral Device is connected, and the rack number is 2. Indicates the rack number Indicates whether or not Peripheral Devices are connected. : A Peripheral Device is connected to the CPU or to an I/O Inter- face Unit. : No Peripheral Device is connected to the CPU or to an I/O Inter- face Unit. Note Only one Peripheral Device can be connected to the CPU and I/O Interface Units for each PC, but three additional Peripheral De- vices can be connected to the SYSMAC BUS/2 Slave Racks. Indicates mode 2 Indicates the error status of the CPU. : A fatal error has occurred. : A non-fatal error has occurred. : No error has occurred. Indicates the operating status of the CPU. : The CPU is operating. : The CPU has stopped. In mode 3, data can be output to the display by the I/O DISPLAY instruction (IODP(189)). The binary information can be display in hexadecimal format (0 to F) or as segments of a 7-segment display. For details on the I/O DISPLAY in- struction, refer to the CV-series PC Operation Manual: Ladder Diagrams. Mode 4 displays only the mode number dot. Rack Components Section 2-3 |