Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3G5A2-RPT01-E Arkusz danych(PDF) 75 Page - Omron Electronics LLC

Numer części 3G5A2-RPT01-E
Szczegółowy opis  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Arkusz danych(HTML) 75 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 71Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 72Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 73Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 74Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 75Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 78Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 182 page
background image
62
3-5-1 Terminal Blocks
The terminal block of an I/O Unit can be removed by loosening the mounting
screws. You do not have to remove the lead wires from the terminal block in or-
der to remove the block from an I/O Unit.
Terminal block mounting screws
Loosen the terminal block mounting screws to remove
the terminal block from the I/O Unit. Make sure the
mounting screws on the terminal block are tightened af-
ter wiring is complete and the terminal block is re-
mounted to the I/O Unit.
3-5-2 Wiring Precautions
General
Electrical Noise
Take appropriate measures when any electrical device likely to produce noise is
connected to the PC as a load. Devices generating noise of more than 1,200 V
(such as electromagnetic relays and valves) require noise suppression. For
noise sources running on DC power, connect a diode in parallel with the coil of
each device.
When mounting a CPU Rack and an Expansion I/O Rack together on a mounting
plate, provide a ground to the mounting plate. The mounting plate must be plated
with a highly conductive surface in order to ensure noise immunity.
Wiring I/O Units
Section 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More