Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3G5A2-RPT01-E Arkusz danych(PDF) 54 Page - Omron Electronics LLC

Numer części 3G5A2-RPT01-E
Szczegółowy opis  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Arkusz danych(HTML) 54 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 50Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 51Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 52Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 53Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 54Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 55Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 56Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 57Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 182 page
background image
41
The CV-series CPUs have no I/O points built in. In order to complete the PC we
need to mount one or more Units providing I/O points to the Backplane. Mount
the Units to the Backplane by pressing them firmly into position, making sure the
connectors are properly mated. Secure the Unit by tightening the mounting
screws located on the top and bottom of the Unit.
Mounting screws
Provided at the top and
bottom of the Unit.
Connector
Make sure the connectors
are properly mated.
The following figure shows one I/O Unit mounted directly to the left of the CPU.
Units other than the Power Supply Unit, the CPU, and the I/O Control Unit (see
below) can be mounted to any of the other slots on the CPU Rack.
I/O Unit
As you can see from the figure, there is still some space available to the left of the
I/O Unit. This space is for any additional Units that may be required.
The figure above shows a total of ten I/O Units mounted to the Backplane. These
I/O Units could be replaced by other Units, such as Special I/O Units, CPU Bus
Units, etc. I/O Units come in five shapes; A-, B-, C-, D- and E-shape (refer to
Ap-
pendix B Specifications) each of which can be mounted to any of the ten slots.
The Backplane, Power Supply Unit, CPU, and other Units are collectively called
a CPU Rack.
Assembly
Section 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More