Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3G5A2-RPT01-E Arkusz danych(PDF) 45 Page - Omron Electronics LLC

Numer części 3G5A2-RPT01-E
Szczegółowy opis  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Arkusz danych(HTML) 45 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 41Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 42Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 43Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 45Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 46Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 47Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 48Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 182 page
background image
32
Display Modes
The display mode selector allows one of four modes to be selected. By pressing
the switch successively, the four modes can be sequentially accessed. The cur-
rent mode is displayed in the form of a dot on the display. The following diagram
illustrates the four possible modes.
Lit in mode 1
Lit in mode 2
Lit in mode 3
Lit in mode 4
“0000” is displayed until the I/O Connecting Cables are connected properly.
Mode 1 displays the address of the first word on each Rack. The following exam-
ple illustrates the mode 1 display for a given Rack.
16-
pt.
I/O
Word
36
Indicates mode 1
Word
37
Word
38
16-
pt.
I/O
Mode 2 indicates the operating status of the CPU as well as the rack number.
Indicates the CPU is in the RUN mode, a non-fatal error has occurred,
a Peripheral Device is connected, and the rack number is 2.
Indicates the rack number
Indicates whether or not Peripheral Devices are connected.
: A Peripheral Device is connected to the CPU or to an I/O Inter-
face Unit.
: No Peripheral Device is connected to the CPU or to an I/O Inter-
face Unit.
Note
Only one Peripheral Device can be connected to the CPU and I/O
Interface Units for each PC, but three additional Peripheral De-
vices can be connected to the SYSMAC BUS/2 Slave Racks.
Indicates mode 2
Indicates the error status of the CPU.
: A fatal error has occurred.
: A non-fatal error has occurred.
: No error has occurred.
Indicates the operating status of the CPU.
: The CPU is operating.
: The CPU has stopped.
In mode 3, data can be output to the display by the I/O DISPLAY instruction
(IODP(189)). The binary information can be display in hexadecimal format (0 to
F) or as segments of a 7-segment display. For details on the I/O DISPLAY in-
struction, refer to the
CV-series PC Operation Manual: Ladder Diagrams.
Mode 4 displays only the mode number dot.
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More