| Zakładka z wyszukiwarką danych komponentów |
|
33461 Arkusz danych(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Arkusz danych(HTML) 13 Page - Tyco Electronics |
|
13 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 13 Ring Tongue Terminals (Continued) Wire Size Range AWG 22 to 14, CMA 509 to 5,180 [0.26 to 2.62 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud Style L E C W Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. A .621 .462 .281 .312 .033 .061 .065 0-34112*0 0-30693*0 15.77 11.73 7.14 7.92 0.84 1.55 1.65 2-34112-2 3-30693-7 A .574 .436 .250 .281 .033 .061 .065 0-34109*0 0-31266-0 10 14.58 11.07 6.35 7.14 0.84 1.55 1.65 2-34109-2 A .653 .478 .297 .344 .033 .061 .065 0-323087*0 0-32824-0 16.59 12.14 7.54 8.74 0.84 1.55 1.65 22–16 12 A .621 .462 .281 .312 .033 — .065 — 0-30694-0 509–3,260 15.77 11.73 7.14 7.92 0.84 1.65 2-30694-1 [0.26–1.65] 1/4 A .856 .618 .437 .469 .033 .061 .065 0-34113*0 0-31172-0 M6 21.74 15.70 11.10 11.91 0.84 1.55 1.65 2-34113-2 A .856 .618 .437 .469 .033 .061 .065 0-34114*0 0-31173-0 5/16 21.74 15.70 11.10 11.91 0.84 1.55 1.65 2-34114-2 3-31173-3 M8 A .995 .727 .546 .531 .033 — .065 — 0-324124-0 25.27 18.47 13.87 13.49 0.84 1.65 3/8 A .995 .727 .546 .531 .033 .061 .065 0-34115*0 0-31498-0 25.27 18.47 13.87 13.49 0.84 1.55 1.65 2-34115-2 1/2 A 1.070 .711 .530 .713 .033 .061 .065 0-329966*0 0-328970-0 M12 27.18 18.06 13.46 18.11 0.84 1.55 1.65 A .480 .352 .171 .250 .033 — .089 — 0-321007- 0 2 12.19 8.94 4.34 6.35 0.84 2.26 M2 A .445 .352 .171 .180 .033 .085 .089 0-328377-0 0-326854- 0 11.30 8.94 4.34 4.57 0.84 2.16 2.26 A .480 .352 .171 .250 .033 .085 .089 0-34119*0 0-32185-0 4 12.19 8.94 4.34 6.35 0.84 2.16 2.26 2-34119-1 A .636 .462 .281 .343 .033 .085 .089 0-34121*0 0-30695-0 16.15 11.73 7.14 8.71 0.84 2.16 2.26 2-34121-1 6 A .480 .352 .171 .250 .033 .085 .089 0-34120*0 0-32186*0 M3.5 12.19 8.94 4.34 6.35 0.84 2.16 2.26 2-34120-1 A .590 .431 .250 .312 .033 .085 .089 0-321684*0 0-321683-0 14.99 10.95 6.35 7.92 0.84 2.16 2.26 2-321684-1 16–14 A .636 .462 .281 .343 .033 .085 .089 0-34122*0 0-30696*0 2,050–5,180 8 16.15 11.73 7.14 8.71 0.84 2.16 2.26 2-34122-1 [1.04–2.62] M4 A .590 .431 .250 .312 .033 .085 .089 0-324955*0 0-322235- 0 14.99 10.95 6.35 7.92 0.84 2.16 2.26 2-324955-1 1-322235-1 A .621 .462 .281 .312 .033 — .089 — 0-51872-5 15.77 11.73 7.14 7.92 0.84 2.26 A .636 .462 .281 .343 .033 .085 .089 0-34123*0 0-30697*0 10 16.15 11.73 7.14 8.71 0.84 2.16 2.26 2-34123-1 A .669 .510 .250 .312 .033 .085 .089 0-320093-0 0-31049-0 16.99 12.95 6.35 7.92 0.84 2.16 2.26 2-320093-1 12 A .855 .618 .437 .469 .033 — .089 — 0-31163-0 21.72 15.70 11.10 11.91 0.84 2.26 14 A .730 .493 .312 .468 .033 — .089 — 0-34896-0 18.54 12.52 7.92 11.89 0.84 2.26 Note: Part numbers are shown as loose piece over tape mounted product. *Part numbers are available in small quantity packages. A |