| Zakładka z wyszukiwarką danych komponentów |
|
33461 Arkusz danych(PDF) 44 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Arkusz danych(HTML) 44 Page - Tyco Electronics |
|
44 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 44 SOLISTRAND Military Approved Terminals Cross Reference Military to AMP Part Number Class 1 and Class 2 Military Approvals Military Specification M7928/7 Wire Size Range AWG 22 to 14 Note: Part numbers are shown as loose piece over tape mounted product. Military SOLISTRAND Approved Specification Approval Wire Range MS 20659 Class 1 & 2 12-10 MS 20659 Class 2 Only 8-4/0 M7928/7 Class 2 Only* 22-14 SOLISTRAND Class 1 and Class 2 military approved terminals meet the performance requirements outlined in specification Mil-T-7928G. *320093 also class 1 approved. Approval Dimensional Application Use Performance Requirement Tooling Requirement Terminals must comply Hand application tool For procurement with the dimensional which must conform to by government Class 1 requirements specified the military’s dimensional agencies for by the military. and performance maintenance and specification. repair. Dimensional The terminal For procurement Per Military requirements are manufacturers by contractors Specification maintained by the recommended and Mil-T-7928G terminal manufacturers. application tooling. manufacurers Class 2 For field repair Note: Several tape for high volume purposes Class 2 mounted SOLISTRAND production, terminals must be capable part numbers are modification, of being replaced by currently Class 2 and repair. Class 1 Terminals approved. Note: Where class 2 approval exists all similar (form, fit and function) parts in that product line are approved. M7928/7 SOLISTRAND Stud AWG Dash Part Class Size Numbers Numbers 1 34103 2 2 2-34103-1 2 34104 2 4 2-34104-6 3 34110 2 6 22-18 2-34110-3 4 34112 2 10 2-34112-2 5 34114 2 5/6 2-34114-2 6 34115 2 3/8 2-34115-2 7 321684 2 6 2-321684-1 8 320093 1 & 2 10 2-320093-1 16-14 9 34125 2 5/16 2-34125-6 10 34126 2 3/8 2-34126-2 11 34119 2 4 2-34119-1 |