| Zakładka z wyszukiwarką danych komponentów |
|
33461 Arkusz danych(PDF) 38 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 Arkusz danych(HTML) 38 Page - Tyco Electronics |
|
38 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 38 Ring Tongue Terminals Wire Size Dimensions Material Wire Part Numbers Circular Mils Stud L E C W Thickness Insulation Loose Tape [mm2] Size Max. Max. Min. Max. Dia. Max. Piece Mounted 0 .464 .391 .121 .140 .020 .082 31516 — 11.79 9.93 3.07 3.56 0.51 2.08 .464 .391 .121 .140 .020 .082 31518 2-31518-1 2 11.79 9.93 3.07 3.56 0.51 2.08 M2 .564 .481 .211 .165 .020 .082 3216211 1-321621-01 14.33 12.22 5.36 4.19 0.51 2.08 26–22 4 .585 .481 .211 .203 .020 .082 31679 2-31679-1 202–810 14.86 12.22 5.36 5.16 0.51 2.08 [0.1–0.41] .585 .481 .211 .203 .020 .082 31681 2-31681-2 6 14.86 12.22 5.36 5.16 0.51 2.08 M3.5 .679 .551 .281 .250 .020 .082 32861 2-32861-2 17.25 14.00 7.14 6.35 0.51 2.08 8 .679 .551 .281 .250 .020 .082 32862 2-32862-1 M4 17.25 14.00 7.14 6.35 0.51 2.08 2 .600 .507 .172 .182 .033 .125 320678 — M2 15.24 12.88 4.37 4.62 0.84 3.18 4 .603 .491 .156 .218 .033 .125 31094 — 15.32 12.47 3.96 5.54 0.84 3.18 .775 .616 .281 .312 .033 .125 30995 — 19.69 15.65 7.14 7.92 0.84 3.18 .603 .491 .156 .218 .033 .125 31096 2-31096-1 15.32 12.47 3.96 5.54 0.84 3.18 .775 .616 .281 .312 .033 .140 31159 2-31159-1 6 19.69 15.65 7.14 7.92 0.84 3.56 M3.5 .728 .585 .250 .281 .033 .125 31269 2-31269-1 18.49 14.86 6.35 7.14 0.84 3.18 .603 .491 .156 .218 .033 .140 31393 — 15.32 12.47 3.96 5.54 0.84 3.56 .728 .585 .250 .281 .033 .140 31396 2-31396-2 22–16 18.49 14.86 6.35 7.14 0.84 3.56 509–3,260 .775 .616 .281 .312 .033 .125 30996 2-30996-1 [0.26–1.65] 19.69 15.65 7.14 7.92 0.84 3.18 .775 .616 .281 .312 .033 .140 31160 2-31160-1 8 19.69 15.65 7.14 7.92 0.84 3.56 M4 .728 .585 .250 .281 .033 .125 31270 2-31270-1 18.49 14.86 6.35 7.14 0.84 3.18 .728 .585 .250 .281 .033 .140 31397 2-31397-1 18.49 14.86 6.35 7.14 0.84 3.56 .775 .616 .281 .312 .033 .125 30997 2-30997-1 19.69 15.65 7.14 7.92 0.84 3.18 10 .775 .616 .281 .312 .033 .140 31161 2-31161-1 19.69 15.65 7.14 7.92 0.84 3.56 .728 .585 .250 .281 .033 .140 31398 2-31398-1 18.49 14.86 6.35 7.14 0.84 3.56 1.009 .772 .437 .469 .033 .140 31176 2-31176-1 1/4 25.63 19.61 11.10 11.91 0.84 3.56 M6 1.009 .772 .437 .469 .033 .125 31251 2-31251-1 25.63 19.61 11.10 11.91 0.84 3.18 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. 1 Slightly unusual tongue shape. Wire Size Range AWG 26 to 16, CMA 202 to 3,260 [0.1 to 1.65 mm2] Material Terminal Body and Sleeve — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |