| Zakładka z wyszukiwarką danych komponentów |
|
PIC10F220E/MC Arkusz danych(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC Arkusz danych(HTML) 51 Page - Microchip Technology |
|
51 / 86 page ![]() © 2007 Microchip Technology Inc. DS41270E-page 49 PIC10F220/222 RETLW Return with Literal in W Syntax: [ label ] RETLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W); TOS → PC Status Affected: None Description: The W register is loaded with the eight-bit literal ‘k’. The program counter is loaded from the top of the stack (the return address). This is a two-cycle instruction. RLF Rotate Left f through Carry Syntax: [ label ] RLF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: See description below Status Affected: C Description: The contents of register ‘f’ are rotated one bit to the left through the Carry Flag. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. RRF Rotate Right f through Carry Syntax: [ label ] RRF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: See description below Status Affected: C Description: The contents of register ‘f’ are rotated one bit to the right through the Carry Flag. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is placed back in register ‘f’. C register ‘f’ C register ‘f’ SLEEP Enter SLEEP Mode Syntax: [label] SLEEP Operands: None Operation: 00h → WDT; 0 → WDT prescaler; 1 → TO; 0 → PD Status Affected: TO, PD, RBWUF Description: Time-out Status bit (TO) is set. The Power-down Status bit (PD) is cleared. RBWUF is unaffected. The WDT and its prescaler are cleared. The processor is put into Sleep mode with the oscillator stopped. See section on Sleep for more details. SUBWF Subtract W from f Syntax: [label] SUBWF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (f) – (W) → (dest) Status Affected: C, DC, Z Description: Subtract (2’s complement method) the W register from register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. SWAPF Swap Nibbles in f Syntax: [label] SWAPF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (f<3:0>) → (dest<7:4>); (f<7:4>) → (dest<3:0>) Status Affected: None Description: The upper and lower nibbles of register ‘f’ are exchanged. If ‘d’ is ‘0’, the result is placed in W register. If ‘d’ is ‘1’, the result is placed in register ‘f’. |