| Zakładka z wyszukiwarką danych komponentów |
|
PIC10F220E/MC Arkusz danych(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC Arkusz danych(HTML) 19 Page - Microchip Technology |
|
19 / 86 page ![]() © 2007 Microchip Technology Inc. DS41270E-page 17 PIC10F220/222 4.5 OPTION Register The OPTION register is a 8-bit wide, write-only register, which contains various control bits to configure the Timer0/WDT prescaler and Timer0. The OPTION register is not memory mapped and is therefore only addressable by executing the OPTION instruction, the contents of the W register will be trans- ferred to the OPTION register. A Reset sets the OPTION<7:0> bits. Note: If TRIS bit is set to ‘0’, the wake-up on change and pull-up functions are disabled for that pin (i.e., note that TRIS overrides Option control of GPPU and GPWU). Note: If the T0CS bit is set to ‘1’, it will override the TRIS function on the T0CKI pin. REGISTER 4-2: OPTION REGISTER W-1 W-1 W-1 W-1 W-1 W-1 W-1 W-1 GPWU GPPU T0CS T0SE PSA PS2 PS1 PS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 GPWU: Enable Wake-up On Pin Change bit (GP0, GP1, GP3) 1 = Disabled 0 = Enabled bit 6 GPPU: Enable Weak Pull-ups bit (GP0, GP1, GP3) 1 = Disabled 0 = Enabled bit 5 T0CS: Timer0 Clock Source Select bit 1 = Transition on T0CKI pin (overrides TRIS on the T0CKI pin) 0 = Transition on internal instruction cycle clock, FOSC/4 bit 4 T0SE: Timer0 Source Edge Select bit 1 = Increment on high-to-low transition on the T0CKI pin 0 = Increment on low-to-high transition on the T0CKI pin bit 3 PSA: Prescaler Assignment bit 1 = Prescaler assigned to the WDT 0 = Prescaler assigned to Timer0 bit 2-0 PS<2:0>: Prescaler Rate Select bits 000 001 010 011 100 101 110 111 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 1 : 256 1 : 1 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 Bit Value Timer0 Rate WDT Rate |