Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM186 Arkusz danych(PDF) 21 Page - Advanced Micro Devices

Numer części AM186
Szczegółowy opis  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Arkusz danych(HTML) 21 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 17Page - Advanced Micro Devices AM186 Datasheet HTML 18Page - Advanced Micro Devices AM186 Datasheet HTML 19Page - Advanced Micro Devices AM186 Datasheet HTML 20Page - Advanced Micro Devices AM186 Datasheet HTML 21Page - Advanced Micro Devices AM186 Datasheet HTML 22Page - Advanced Micro Devices AM186 Datasheet HTML 23Page - Advanced Micro Devices AM186 Datasheet HTML 24Page - Advanced Micro Devices AM186 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
21
DRAF
T
TQFP PIN ASSIGNMENTS—Am188™ER MICROCONTROLLER
(Sorted by Pin Name)
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
63
AD5
11
GND
93
S1/IMDIS
33
A1
62
AD6
14
HLDA
67
S2
32
A2
60
AD7
17
HOLD
68
S6/CLKSEL1/PIO29
19
A3
59
ALE
30
INT0
79
SCLK/PIO20
26
A4
58
AO8
2
INT1/SELECT
78
SDATA/PIO21
23
A5
57
AO9
4
INT2/INTA0/PIO31
77
SDEN0/PIO22
25
A6
56
AO10
6
INT3/INTA1/IRQ
76
SDEN1/PIO23
24
A7
55
AO11
8
INT4/PIO30
75
SRDY/PIO6
69
A8
54
AO12
10
LCS/ONCE0
81
TMRIN0/PIO11
98
A9
53
AO13
13
MCS0/PIO14
73
TMRIN1/PIO0
95
A10
52
AO14
16
MCS1/PIO15
74
TMROUT0/PIO10
97
A11
51
AO15
18
MCS2/PIO24
91
TMROUT1/PIO1
96
A12
50
ARDY
31
MCS3/RFSH/PIO25
92
TXD/PIO27
21
A13
49
CLKOUTA
39
NMI
70
UCS/ONCE1
80
A14
48
CLKOUTB
40
PCS0/PIO16
89
UZI/CLKSEL2
20
A15
47
DEN/PIO5
72
PCS1/PIO17
88
VCC
15
A16
46
DRQ0/PIO12
100
PCS2/PIO18
86
VCC
38
A17/PIO7
45
DRQ1/PIO13
99
PCS3/PIO19
85
VCC
44
A18/PIO8
43
DT/R/PIO4
71
PCS5/A1/PIO3
83
VCC
61
A19/PIO9
42
GND
12
PCS6/A2/PIO2
82
VCC
84
AD0
1
GND
35
RD
29
VCC
90
AD1
3
GND
41
RES
94
WB
66
AD2
5
GND
64
RFSH2/ADEN
27
WR
28
AD3
7
GND
65
RXD/PIO28
22
X1
36
AD4
9
GND
87
S0/SREN
34
X2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More