Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29DL800BT90FEB Arkusz danych(PDF) 31 Page - Advanced Micro Devices

Numer części AM29DL800BT90FEB
Szczegółowy opis  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT90FEB Arkusz danych(HTML) 31 Page - Advanced Micro Devices

Back Button AM29DL800BT90FEB Datasheet HTML 27Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 28Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 29Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 30Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 31Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 32Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 33Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 34Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Am29DL800B
31
P R E L I M I NARY
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
70
90
120
JEDEC
Std.
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
45
45
50
ns
tWLAX
tAH
Address Hold Time
Min
45
45
50
ns
tAHT
Address Hold Time From CE# or OE# high
during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
35
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
20
25
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
35
50
ns
tWHDL
tWPH
Write Pulse Width High
Min
30
ns
tSR/W
Zero Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1 Programming Operation (Note 2)
Byte
Typ
9
µs
Word
Typ
11
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
0.7
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com