Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29DL800BT90FEB Arkusz danych(PDF) 41 Page - Advanced Micro Devices

Numer części AM29DL800BT90FEB
Szczegółowy opis  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT90FEB Arkusz danych(HTML) 41 Page - Advanced Micro Devices

Back Button AM29DL800BT90FEB Datasheet HTML 35Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 36Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 37Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 41Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 42Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 43Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Am29DL800B
41
P R E L I M I NARY
PHYSICAL DIMENSIONS (continued)
FGB048 —48-ball Fine-Pitch Ball Grid Array (FBGA), 6 x 9 mm (measured in mm)
5.80
6.20
8.80
9.20
DATUM B
DATUM A
INDEX
0.025
CHAMFER
0.15 M Z B M
0.15 M Z B M
5.60
BSC
0.40
4.00
BSC
0.08 M ZA B
0.10 Z
0.25
0.45
0.80
DETAIL A
0.20 Z
DETAIL A
1.20 MAX
0.40 ± 0.08 (48x)
0.40
16-038-FGB-2
EG137
12-2-97 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com