Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29DL800BT90FEB Arkusz danych(PDF) 40 Page - Advanced Micro Devices

Numer części AM29DL800BT90FEB
Szczegółowy opis  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT90FEB Arkusz danych(HTML) 40 Page - Advanced Micro Devices

Back Button AM29DL800BT90FEB Datasheet HTML 35Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 36Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 37Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 41Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 42Page - Advanced Micro Devices AM29DL800BT90FEB Datasheet HTML 43Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
40
Am29DL800B
P R E L I M I NARY
PHYSICAL DIMENSIONS*
TS 048—48-Pin Standard TSOP (measured in millimeters)
* For reference only. BSC is an ANSI standard for Basic Space Centering
TSR048—48-Pin Reverse TSOP (measured in millimeters)
* For reference only. BSC is an ANSI standard for Basic Space Centering.
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48-2
TS 048
DT95
8-8-96 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0°
5°
0.08
0.20
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
SEATING PLANE
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48
TSR048
DT95
8-8-96 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0°
5°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com