| Zakładka z wyszukiwarką danych komponentów |
|
MSC1202Y2RHHT Arkusz danych(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSC1202Y2RHHT Arkusz danych(HTML) 84 Page - Texas Instruments |
|
84 / 92 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples MSC1200Y2PFBR OBSOLETE TQFP PFB 48 TBD Call TI Call TI -40 to 125 MSC1200Y2 MSC1200Y2PFBRG4 OBSOLETE TQFP PFB 48 TBD Call TI Call TI -40 to 125 MSC1200Y2PFBT ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC1200Y2 MSC1200Y2PFBTG4 ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC1200Y2 MSC1200Y3PFBR OBSOLETE TQFP PFB 48 TBD Call TI Call TI -40 to 125 MSC1200Y3 MSC1200Y3PFBRG4 OBSOLETE TQFP PFB 48 TBD Call TI Call TI -40 to 125 MSC1200Y3PFBT ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC1200Y3 MSC1200Y3PFBTG4 ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC1200Y3 MSC1201Y3RHHT ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1201Y3 MSC1201Y3RHHTG4 ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1201Y3 MSC1202Y2RHHT ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y2 MSC1202Y2RHHTG4 ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y2 MSC1202Y3RHHR ACTIVE VQFN RHH 36 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y3 MSC1202Y3RHHRG4 ACTIVE VQFN RHH 36 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y3 MSC1202Y3RHHT ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y3 MSC1202Y3RHHTG4 ACTIVE VQFN RHH 36 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 MSC 1202Y3 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |