| Zakładka z wyszukiwarką danych komponentów |
|
LP2985-N Arkusz danych(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985-N Arkusz danych(HTML) 15 Page - Texas Instruments |
|
15 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2985AIM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LAUA LP2985AIM5-2.7/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LALA LP2985AIM5-2.8 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0KA LP2985AIM5-2.8/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0KA LP2985AIM5-2.9/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LAXA LP2985AIM5-3.0 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0OA LP2985AIM5-3.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0OA LP2985AIM5-3.1/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0PA LP2985AIM5-3.3 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0RA LP2985AIM5-3.3/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0RA LP2985AIM5-3.6 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0SA LP2985AIM5-3.6/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0SA LP2985AIM5-3.8/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0YA LP2985AIM5-4.0 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0TA LP2985AIM5-4.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0TA LP2985AIM5-4.5 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LA7A LP2985AIM5-4.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA7A LP2985AIM5-5.0 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 L0UA LP2985AIM5-5.0/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0UA LP2985AIM5-5.7/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LKTA |