Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP2985-N Arkusz danych(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Numer części LP2985-N
Szczegółowy opis  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LP2985-N Arkusz danych(HTML) 26 Page - Texas Instruments

Back Button LP2985-N Datasheet HTML 22Page - Texas Instruments LP2985-N Datasheet HTML 23Page - Texas Instruments LP2985-N Datasheet HTML 24Page - Texas Instruments LP2985-N Datasheet HTML 25Page - Texas Instruments LP2985-N Datasheet HTML 26Page - Texas Instruments LP2985-N Datasheet HTML 27Page - Texas Instruments LP2985-N Datasheet HTML 28Page - Texas Instruments LP2985-N Datasheet HTML 29Page - Texas Instruments LP2985-N Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2985AIM5-4.5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5-4.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5-5.0
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5-5.0/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5-5.7/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5-6.1/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985AIM5X-2.5
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-2.5/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-2.6/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-2.7/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-2.8/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-2.9/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.0
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.0/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.1/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.3
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.3/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.6/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-3.8/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-4.0/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-4.5/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-5.0
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-5.0/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-5.7/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AIM5X-6.1/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2985AITL-3.3/NOPB
DSBGA
YZR
5
250
210.0
185.0
35.0
LP2985AITLX-3.3/NOPB
DSBGA
YZR
5
3000
210.0
185.0
35.0
LP2985AITP-2.6/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-2.7/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-2.8/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-2.9/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-3.0/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-3.3/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITP-5.0/NOPB
DSBGA
YPB
5
250
210.0
185.0
35.0
LP2985AITPX-2.5/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-2.6/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-2.7/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-2.8/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-2.9/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-3.0/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-3.3/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985AITPX-5.0/NOPB
DSBGA
YPB
5
3000
210.0
185.0
35.0
LP2985IM5-2.5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2985IM5-2.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33