Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP2985-N Arkusz danych(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Numer części LP2985-N
Szczegółowy opis  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LP2985-N Arkusz danych(HTML) 23 Page - Texas Instruments

Back Button LP2985-N Datasheet HTML 19Page - Texas Instruments LP2985-N Datasheet HTML 20Page - Texas Instruments LP2985-N Datasheet HTML 21Page - Texas Instruments LP2985-N Datasheet HTML 22Page - Texas Instruments LP2985-N Datasheet HTML 23Page - Texas Instruments LP2985-N Datasheet HTML 24Page - Texas Instruments LP2985-N Datasheet HTML 25Page - Texas Instruments LP2985-N Datasheet HTML 26Page - Texas Instruments LP2985-N Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2985AIM5-5.0/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5-5.7/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5-6.1/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.5
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.6/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.7/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-2.9/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.0
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.1/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.3
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.6/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-3.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-4.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-4.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-5.0
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-5.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-5.7/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AIM5X-6.1/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985AITL-3.3/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.14
1.47
0.76
4.0
8.0
Q1
LP2985AITLX-3.3/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.14
1.47
0.76
4.0
8.0
Q1
LP2985AITP-2.6/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-2.7/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-2.8/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-2.9/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-3.0/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-3.3/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITP-5.0/NOPB
DSBGA
YPB
5
250
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-2.5/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-2.6/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-2.7/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-2.8/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-2.9/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-3.0/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-3.3/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985AITPX-5.0/NOPB
DSBGA
YPB
5
3000
178.0
8.4
1.02
1.19
0.66
4.0
8.0
Q1
LP2985IM5-2.5
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985IM5-2.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985IM5-2.7/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2985IM5-2.8/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33