Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NRH3012T-R0NN Arkusz danych(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Numer części NRH3012T-R0NN
Szczegółowy opis  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Arkusz danych(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  NRH3012T-R0NN Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
40
/
■PARTS NUMBER
●NRS2012 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS2012T 1R0N GJ
RoHS
1.0
±30%
-
0.070
1,900
1,700
100
NRS2012T 1R5N GJ
RoHS
1.5
±30%
-
0.090
1,650
1,500
100
NRS2012T 2R2M GJ
RoHS
2.2
±20%
-
0.107
1,350
1,370
100
NRS2012T 3R3M GJ
RoHS
3.3
±20%
-
0.190
1,000
1,020
100
NRS2012T 4R7M GJ
RoHS
4.7
±20%
-
0.241
900
910
100
●NRV2010 type
Saturation current
Idc1
Temperature rise current
Idc2
NRV2010T R47N GF
RoHS
0.47
±30%
-
0.052
2,100
2,000
100
NRV2010T R68N GF
RoHS
0.68
±30%
-
0.060
1,850
1,850
100
NRV2010T 1R0N GF
RoHS
1.0
±30%
-
0.080
1,550
1,600
100
NRV2010T 1R5M GF
RoHS
1.5
±20%
-
0.100
1,350
1,450
100
NRV2010T 2R2M GF
RoHS
2.2
±20%
-
0.175
1,100
1,100
100
NRV2010T 3R3M GF
RoHS
3.3
±20%
-
0.250
880
1,000
100
NRV2010T 4R7M GF
RoHS
4.7
±20%
-
0.320
760
820
100
●NRV2012 type
Saturation current
Idc1
Temperature rise current
Idc2
NRV2012T 1R0N GF
RoHS
1.0
±30%
-
0.073
2,200
1,650
100
NRV2012T 1R5N GF
RoHS
1.5
±30%
-
0.100
1,800
1,400
100
NRV2012T 2R2M GF
RoHS
2.2
±20%
-
0.129
1,600
1,200
100
NRV2012T 3R3M GF
RoHS
3.3
±20%
-
0.227
1,250
900
100
NRV2012T 4R7M GF
RoHS
4.7
±20%
-
0.325
1,100
750
100
●NRH2410 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRH2410T R68NN 4
RoHS
0.68
±30%
120
0.060
2,200
1,570
100
NRH2410T 1R0NN 4
RoHS
1.0
±30%
106
0.070
1,800
1,410
100
NRH2410T 1R5MN
RoHS
1.5
±20%
94
0.110
1,550
1,160
100
NRH2410T 2R2MN
RoHS
2.2
±20%
77
0.150
1,290
970
100
NRH2410T 3R3MN
RoHS
3.3
±20%
56
0.220
1,000
770
100
NRH2410T 4R7MN
RoHS
4.7
±20%
50
0.290
880
670
100
NRH2410T 6R8MN
RoHS
6.8
±20%
43
0.410
750
570
100
NRH2410T 100MN
RoHS
10
±20%
32
0.690
550
450
100
NRH2410T 150MN
RoHS
15
±20%
27
1.02
470
370
100
NRH2410T 220MN
RoHS
22
±20%
22
1.47
390
300
100
●NRH2412 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRH2412T R47NNGJ
RoHS
0.47
±30%
180
0.050
2,900
2,100
100
NRH2412T 1R0NNGH
RoHS
1.0
±30%
101
0.077
2,350
1,300
100
NRH2412T 1R5NNGH
RoHS
1.5
±30%
89
0.100
2,100
1,150
100
NRH2412T 2R2MNGH
RoHS
2.2
±20%
72
0.140
1,700
1,000
100
NRH2412T 3R3MNGH
RoHS
3.3
±20%
56
0.225
1,400
750
100
NRH2412T 4R7MNGH
RoHS
4.7
±20%
45
0.300
1,150
650
100
NRH2412T 6R8MNGH
RoHS
6.8
±20%
34
0.420
950
550
100
NRH2412T 100MNGH
RoHS
10
±20%
29
0.600
810
450
100
●NRH3010 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRH3010T 1R2NN
RoHS
1.2
±30%
120
0.065
1,700
1,480
100
NRH3010T 1R5NN
RoHS
1.5
±30%
99
0.075
1,440
1,370
100
NRH3010T 2R2MN
RoHS
2.2
±20%
86
0.083
1,300
1,300
100
NRH3010T 3R3MN
RoHS
3.3
±20%
64
0.130
1,000
1,030
100
NRH3010T 4R7MN
RoHS
4.7
±20%
50
0.170
850
900
100
NRH3010T 6R8MN
RoHS
6.8
±20%
44
0.250
700
745
100
NRH3010T 100MN
RoHS
10
±20%
34
0.350
600
620
100
NRH3010T 150MN
RoHS
15
±20%
25
0.550
450
480
100
NRH3010T 220MN
RoHS
22
±20%
22
0.770
380
410
100
NRH3010T 470MN
RoHS
47
±20%
17
2.050
250
285
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Measuring
frequency[kHz]
DC Resistance
[Ω](±20%)
Self-resonant
frequency
[MHz](min.)
Rated current ※) [mA]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com