Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NRH3012T-R0NN Arkusz danych(PDF) 13 Page - Taiyo Yuden (U.S.A.), Inc

Numer części NRH3012T-R0NN
Szczegółowy opis  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Arkusz danych(HTML) 13 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_pack_e-E02R01
●Embossed tape 12mm wide (0.47 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 4010
NRS4010
4.3±0.1
(0.169±0.004)
4.3±0.1
(0.169±0.004)
8.0±0.1
(0.315±0.004)
0.3±0.1
(0.012±0.004)
1.4±0.1
(0.055±0.004)
NR 4012
NRS4012
1.6±0.1
(0.063±0.004)
NR 4018
NRS4018
2.1±0.1
(0.083±0.004)
NRS5010
5.25±0.1
(0.207±0.004)
5.25±0.1
(0.207±0.004)
1.4±0.1
(0.055±0.004)
NRS5012
1.4±0.1
(0.055±0.004)
NRS5014
1.6±0.1
(0.063±0.004)
NRS5020
2.3±0.1
(0.091±0.004)
NRS5024
2.7±0.1
(0.106±0.004)
NRS5030
5.15±0.1
(0.203±0.004)
5.15±0.1
(0.203±0.004)
0.4±0.1
(0.016±0.004)
3.2±0.1
(0.126±0.004)
NR 5040
NRS5040
5.15±0.1
(0.203±0.004)
5.15±0.1
(0.203±0.004)
4.2±0.1
(0.165±0.004)
NRS6010
6.3±0.1
(0.248±0.004)
6.3±0.1
(0.248±0.004)
1.4±0.1
(0.055±0.004)
NR 6012
NRS6012
1.6±0.1
(0.063±0.004)
NRS6014
1.6±0.1
(0.063±0.004)
NR 6020
NRS6020
2.3±0.1
(0.090±0.004)
NR 6028
NRS6028
3.1±0.1
(0.122±0.004)
NR 6045
NRS6045
4.7±0.1
(0.185±0.004)
Unit:mm(inch)
●Embossed tape 16mm wide (0.63 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NRS8030
8.3±0.1
(0.327±0.004)
8.3±0.1
(0.327±0.004)
12.0±0.1
(0.472±0.004)
0.5±0.1
(0.020±0.004)
3.4±0.1
(0.134±0.004)
NR 8040
NRS8040
4.5±0.1
(0.177±0.004)
Unit:mm(inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com