Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NRH3012T-R0NN Arkusz danych(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Numer części NRH3012T-R0NN
Szczegółowy opis  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Arkusz danych(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
42
/
■PARTS NUMBER
●NRS4018 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS4018T 1R0NDGJ
RoHS
1.0
±30%
90
0.027
4,000
3,200
100
NRS4018T 2R2MDGJ
RoHS
2.2
±20%
60
0.042
3,000
2,200
100
NRS4018T 3R3MDGJ
RoHS
3.3
±20%
45
0.055
2,300
2,000
100
NRS4018T 4R7MDGJ
RoHS
4.7
±20%
35
0.070
2,000
1,700
100
NRS4018T 6R8MDGJ
RoHS
6.8
±20%
30
0.098
1,600
1,450
100
NRS4018T 100MDGJ
RoHS
10
±20%
25
0.150
1,300
1,200
100
NRS4018T 150MDGJ
RoHS
15
±20%
18
0.210
1,100
850
100
NRS4018T 220MDGJ
RoHS
22
±20%
15
0.290
900
720
100
NRS4018T 330MDGJ
RoHS
33
±20%
12
0.460
700
550
100
NRS4018T 470MDGJ
RoHS
47
±20%
10
0.650
600
440
100
NRS4018T 680MDGJ
RoHS
68
±20%
8.3
1.00
520
320
100
NRS4018T 101MDGJ
RoHS
100
±20%
6.5
1.45
420
280
100
NRS4018T 151MDGJ
RoHS
150
±20%
5.5
2.30
340
220
100
NRS4018T 221MDGJ
RoHS
220
±20%
4.0
3.80
275
170
100
●NRS5010 type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5010T 1R0NMGF
RoHS
1.0
±30%
95
0.070
2,350
1,750
100
NRS5010T 2R2NMGF
RoHS
2.2
±30%
65
0.105
1,500
1,400
100
NRS5010T 3R3MMGF
RoHS
3.3
±20%
42
0.125
1,400
1,250
100
NRS5010T 4R7MMGF
RoHS
4.7
±20%
37
0.145
1,200
1,150
100
NRS5010T 6R8MMGF
RoHS
6.8
±20%
33
0.185
1,000
1,000
100
NRS5010T 100MMGF
RoHS
10
±20%
23
0.250
850
900
100
NRS5010T 150MMGF
RoHS
15
±20%
19
0.400
680
650
100
NRS5010T 220MMGF
RoHS
22
±20%
15
0.600
550
450
100
●NRS5012 type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5012T 1R0NMGF
RoHS
1.0
±30%
100
0.053
4,500
2,300
100
NRS5012T 1R5NMGF
RoHS
1.5
±30%
86
0.070
3,800
2,200
100
NRS5012T 2R2MMGF
RoHS
2.2
±20%
70
0.085
3,100
2,000
100
NRS5012T 3R3MMGF
RoHS
3.3
±20%
48
0.160
2,400
1,450
100
NRS5012T 4R7MMGF
RoHS
4.7
±20%
40
0.180
2,200
1,400
100
NRS5012T 6R8MMGF
RoHS
6.8
±20%
36
0.260
1,700
1,100
100
NRS5012T 100MMGF
RoHS
10
±20%
26
0.420
1,400
850
100
NRS5012T 150MMGF
RoHS
15
±20%
22
0.670
1,200
640
100
●NRS5014 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5014T R47NMGG
RoHS
0.47
±30%
185
0.025
5,800
3,300
100
NRS5014T 1R2NMGG
RoHS
1.2
±30%
86
0.045
3,800
2,400
100
NRS5014T 2R2NMGG
RoHS
2.2
±30%
56
0.065
2,800
2,000
100
NRS5014T 3R3NMGG
RoHS
3.3
±30%
48
0.080
2,350
1,700
100
NRS5014T 4R7NMGG
RoHS
4.7
±30%
41
0.100
2,050
1,400
100
NRS5014T 6R8MMGG
RoHS
6.8
±20%
33
0.150
1,600
1,200
100
NRS5014T 100MMGG
RoHS
10
±20%
27
0.200
1,400
1,050
100
NRS5014T 150MMGG
RoHS
15
±20%
20
0.320
1,100
650
100
NRS5014T 220MMGG
RoHS
22
±20%
16
0.450
900
550
100
●NRS5020 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5020T R47NMGJ
RoHS
0.47
±30%
230
0.012
6,100
5,000
100
NRS5020T 1R0NMGJ
RoHS
1.0
±30%
81
0.021
4,000
3,600
100
NRS5020T 1R5NMGJ
RoHS
1.5
±30%
68
0.026
3,350
3,200
100
NRS5020T 2R2NMGJ
RoHS
2.2
±30%
57
0.035
2,900
2,900
100
NRS5020T 3R3NMGJ
RoHS
3.3
±30%
46
0.048
2,400
2,400
100
NRS5020T 4R7MMGJ
RoHS
4.7
±20%
37
0.060
2,000
2,000
100
NRS5020T 6R8MMGJ
RoHS
6.8
±20%
30
0.090
1,600
1,650
100
NRS5020T 100MMGJ
RoHS
10
±20%
24
0.120
1,300
1,450
100
NRS5020T 150MMGJ
RoHS
15
±20%
20
0.165
1,100
1,200
100
NRS5020T 220MMGJ
RoHS
22
±20%
17
0.260
900
1,000
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com