Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICSSSTV16859 Arkusz danych(PDF) 7 Page - Integrated Circuit Systems

Numer części ICSSSTV16859
Szczegółowy opis  DDR 13-Bit to 26-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICST [Integrated Circuit Systems]
Strona internetowa  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTV16859 Arkusz danych(HTML) 7 Page - Integrated Circuit Systems

  ICSSSTV16859 Datasheet HTML 1Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICSSSTV16859
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
Ordering Information
ICSSSTV16859yG-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - PPP - T
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa
C
6.10 mm. Body, 0.50 mm. pitch TSSOP
(240 mil)
(0.020 mil)
MIN
MA X
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
aaa
--
0.10
--
.004
VARIATIONS
MIN
MA X
MIN
MAX
64
16.90
17.10
.665
.673
10 -0039
N
D mm.
D (inc h)
R ef erenc e D o c .: J E D E C P ub lic at io n 9 5, M O -153
0.50 BAS IC
0.020 BAS IC
SE E VA RIATIONS
S EE VARIATIONS
SE E VA RIATIONS
S EE VARIATIONS
8.10 BAS IC
0.319 BAS IC
SY MBOL
In Millim eters
In Inches
COMM ON DIM ENS IONS COM MON DIME NSIONS



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com