Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F101PHDFB Arkusz danych(PDF) 7 Page - Renesas Technology Corp

Numer części R5F101PHDFB
Szczegółowy opis  RENESAS MCU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101PHDFB Arkusz danych(HTML) 7 Page - Renesas Technology Corp

Back Button R5F101PHDFB Datasheet HTML 3Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 4Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 5Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 6Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 7Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 8Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 9Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 10Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 200 page
background image
RL78/G13
1. OUTLINE
Page 7 of 194
R01DS0131EJ0310 Rev.3.10
Nov 15, 2013
Table 1-1. List of Ordering Part Numbers
(4/12)
Pin
count
Package
Data flash
Fields of
Application
Note
Ordering Part Number
44 pins
44-pin plastic LQFP
(10
× 10 mm, 0.8
mm pitch)
Mounted
A
D
G
R5F100FAAFP#V0, R5F100FCAFP#V0, R5F100FDAFP#V0,
R5F100FEAFP#V0, R5F100FFAFP#V0, R5F100FGAFP#V0,
R5F100FHAFP#V0, R5F100FJAFP#V0, R5F100FKAFP#V0,
R5F100FLAFP#V0
R5F100FAAFP#X0, R5F100FCAFP#X0, R5F100FDAFP#X0,
R5F100FEAFP#X0, R5F100FFAFP#X0, R5F100FGAFP#X0,
R5F100FHAFP#X0, R5F100FJAFP#X0, R5F100FKAFP#X0,
R5F100FLAFP#X0
R5F100FADFP#V0, R5F100FCDFP#V0, R5F100FDDFP#V0,
R5F100FEDFP#V0, R5F100FFDFP#V0, R5F100FGDFP#V0,
R5F100FHDFP#V0, R5F100FJDFP#V0, R5F100FKDFP#V0,
R5F100FLDFP#V0
R5F100FADFP#X0, R5F100FCDFP#X0, R5F100FDDFP#X0,
R5F100FEDFP#X0, R5F100FFDFP#X0, R5F100FGDFP#X0,
R5F100FHDFP#X0, R5F100FJDFP#X0, R5F100FKDFP#X0,
R5F100FLDFP#X0
R5F100FAGFP#V0, R5F100FCGFP#V0, R5F100FDGFP#V0,
R5F100FEGFP#V0, R5F100FFGFP#V0, R5F100FGGFP#V0,
R5F100FHGFP#V0, R5F100FJGFP#V0
R5F100FAGFP#X0, R5F100FCGFP#X0, R5F100FDGFP#X0,
R5F100FEGFP#X0, R5F100FFGFP#X0, R5F100FGGFP#X0,
R5F100FHGFP#X0, R5F100FJGFP#X0
Not
mounted
A
D
R5F101FAAFP#V0, R5F101FCAFP#V0, R5F101FDAFP#V0,
R5F101FEAFP#V0, R5F101FFAFP#V0, R5F101FGAFP#V0,
R5F101FHAFP#V0, R5F101FJAFP#V0, R5F101FKAFP#V0,
R5F101FLAFP#V0
R5F101FAAFP#X0, R5F101FCAFP#X0, R5F101FDAFP#X0,
R5F101FEAFP#X0, R5F101FFAFP#X0, R5F101FGAFP#X0,
R5F101FHAFP#X0, R5F101FJAFP#X0, R5F101FKAFP#X0,
R5F101FLAFP#X0
R5F101FADFP#V0, R5F101FCDFP#V0, R5F101FDDFP#V0,
R5F101FEDFP#V0, R5F101FFDFP#V0, R5F101FGDFP#V0,
R5F101FHDFP#V0, R5F101FJDFP#V0, R5F101FKDFP#V0,
R5F101FLDFP#V0
R5F101FADFP#X0, R5F101FCDFP#X0, R5F101FDDFP#X0,
R5F101FEDFP#X0, R5F101FFDFP#X0, R5F101FGDFP#X0,
R5F101FHDFP#X0, R5F101FJDFP#X0, R5F101FKDFP#X0,
R5F101FLDFP#X0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com