Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F101PHDFB Arkusz danych(PDF) 1 Page - Renesas Technology Corp

Numer części R5F101PHDFB
Szczegółowy opis  RENESAS MCU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101PHDFB Arkusz danych(HTML) 1 Page - Renesas Technology Corp

  R5F101PHDFB Datasheet HTML 1Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 2Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 3Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 4Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 5Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 6Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 7Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 8Page - Renesas Technology Corp R5F101PHDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 200 page
background image
Datasheet
RL78/G13
RENESAS MCU
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for RTC + LVD), 1.6 V to 5.5 V
operation, 16 to 512 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Page 1 of 194
R01DS0131EJ0310
Rev.3.10
Nov 15, 2013
R01DS0131EJ0310 Rev.3.10
Nov 15, 2013
1. OUTLINE
1.1 Features
Ultra-Low Power Technology
• 1.6 V to 5.5 V operation from a single supply
• Stop (RAM retained): 0.23 µA, (LVD enabled): 0.31
µA
• Halt (RTC + LVD): 0.57 µA
• Snooze: 0.70 mA (UART), 1.20 mA (ADC)
• Operating: 66 µA/MHz
16-bit RL78 CPU Core
• Delivers 41 DMIPS at maximum operating frequency
of 32 MHz
• Instruction Execution: 86% of instructions can be
executed in 1 to 2 clock cycles
• CISC Architecture (Harvard) with 3-stage pipeline
• Multiply Signed & Unsigned: 16 x 16 to 32-bit result in
1 clock cycle
• MAC: 16 x 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Main Flash Memory
• Density: 16 KB to 512 KB
• Block size: 1 KB
• On-chip single voltage flash memory with protection
from block erase/writing
• Self-programming with secure boot swap function
and flash shield window function
Data Flash Memory
• Data Flash with background operation
• Data flash size: 4 KB to 8 KB size options
• Erase Cycles: 1 Million (typ.)
• Erase/programming voltage: 1.8 V to 5.5 V
RAM
• 2 KB to 32 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 32 MHz with +/− 1% accuracy over voltage (1.8 V to
5.5 V) and temperature (
−20 °C to 85 °C)
• Pre-configured settings: 32 MHz, 24 MHz, 16 MHz,
12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz,
and 1 MHz
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 14 setting options
(Interrupt and/or reset function)
Data Memory Access (DMA) Controller
• Up to 4 fully programmable channels
• Transfer unit: 8- or 16-bit
Multiple Communication Interfaces
• Up to 8 x I
2C master
• Up to 2 x I
2C multi-master
• Up to 8 x CSI/SPI (7-, 8-bit)
• Up to 4 x UART (7-, 8-, 9-bit)
• Up to 1 x LIN
Extended-Function Timers
• Multi-function 16-bit timers: Up to 16 channels
• Real-time clock (RTC): 1 channel (full calendar and
alarm function with watch correction function)
• Interval Timer: 12-bit, 1 channel
• 15 kHz watchdog timer : 1 channel (window function)
Rich Analog
• ADC: Up to 26 channels, 10-bit resolution, 2.1 µs
conversion time
• Supports 1.6 V
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock stop/ frequency detection
• ADC self-test
General Purpose I/O
• 5V tolerant, high-current (up to 20 mA per pin)
• Open-Drain, Internal Pull-up support
• Different potential interface support: Can connect to
a 1.8/2.5/3 V device
Operating Ambient Temperature
• Standard: −40 °C to +85 °C
• Extended: −40 °C to +105 °C
Package Type and Pin Count
From 3mm x 3mm to 14mm x 20mm
QFP: 44, 48, 52, 64, 80, 100, 128
QFN: 24, 32, 40, 48
SSOP: 20, 30
LGA: 25, 36
BGA: 64


Podobny numer części - R5F101PHDFB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
R5F101PH RENESAS-R5F101PH Datasheet
153Kb / 17P
PG-FP5
R5F101PH RENESAS-R5F101PH Datasheet
1Mb / 202P
True Low Power Platform
R5F101PH RENESAS-R5F101PH Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Podobny opis - R5F101PHDFB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com