Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

857182 Arkusz danych(PDF) 3 Page - TriQuint Semiconductor

Numer części 857182
Szczegółowy opis  710/740 MHz SAW Duplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857182 Arkusz danych(HTML) 3 Page - TriQuint Semiconductor

  857182_15 Datasheet HTML 1Page - TriQuint Semiconductor 857182_15 Datasheet HTML 2Page - TriQuint Semiconductor 857182_15 Datasheet HTML 3Page - TriQuint Semiconductor 857182_15 Datasheet HTML 4Page - TriQuint Semiconductor 857182_15 Datasheet HTML 5Page - TriQuint Semiconductor 857182_15 Datasheet HTML 6Page - TriQuint Semiconductor 857182_15 Datasheet HTML 7Page - TriQuint Semiconductor 857182_15 Datasheet HTML 8Page - TriQuint Semiconductor 857182_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
857182
710/740 MHz SAW Duplexer
Data Sheet: Rev A 09-18-2014
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Downlink Electrical Specifications
(1)
Specified Temperature Range
(2)
= -20 to +90°C
Parameter
(3)
Conditions
Min
Typ
(4)
Max
Units
Center Frequency
-
740
-
MHz
Maximum Insertion Loss
734
– 746 MHz
-
2.0
2.5
dB
Amplitude Variation
734
– 746 MHz over any 5 MHz in-
band
-
0.5
1.2
dB p-p
Absolute Attenuation
(6)
10
– 674 MHz
674
– 686 MHz
686 - 704 MHz
704
– 716 MHz
716
– 722 MHz
776
– 793 MHz
793
– 805 MHz
805
– 2300 MHz
2300
– 3000 MHz
27
32
35
50
22
32
32
32
40
32.4
37.6
41.5
57.5
46.1
36.4
35.0
33.7
56.1
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Downlink Return Loss
734
– 746 MHz
10
17.5
-
dB
Antenna Return Loss
734
– 746 MHz
10
14.1
-
dB
Downlink Impedance (single-
ended )
(8)
-
50
-
Antenna Impedance (single-
ended )
(8)
-
50
-
Uplink-Downlink Specification
Uplink to Downlink Isolation
704
– 716 MHz
734
– 746 MHz
1408
– 1432 MHz
2112
– 2148 MHz
2816
– 3000 MHz
54
50
30
30
30
58.7
57.7
69.6
69.6
70.1
-
-
-
-
-
dB
dB
dB
dB
dB
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 4
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance
over temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to zero dB
6.
All power levels are referenced to the Downlink to Antenna port.
7.
This is the optimum impedance in order to achieve the performance shown



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com