Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

857182 Arkusz danych(PDF) 1 Page - TriQuint Semiconductor

Numer części 857182
Szczegółowy opis  710/740 MHz SAW Duplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857182 Arkusz danych(HTML) 1 Page - TriQuint Semiconductor

  857182_15 Datasheet HTML 1Page - TriQuint Semiconductor 857182_15 Datasheet HTML 2Page - TriQuint Semiconductor 857182_15 Datasheet HTML 3Page - TriQuint Semiconductor 857182_15 Datasheet HTML 4Page - TriQuint Semiconductor 857182_15 Datasheet HTML 5Page - TriQuint Semiconductor 857182_15 Datasheet HTML 6Page - TriQuint Semiconductor 857182_15 Datasheet HTML 7Page - TriQuint Semiconductor 857182_15 Datasheet HTML 8Page - TriQuint Semiconductor 857182_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
857182
710/740 MHz SAW Duplexer
Data Sheet: Rev A 09-18-2014
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Applications
 For Band 17 LTE applications
 LTE B17, data cards, mobile routers, repeaters
 For Base Station applications
CSP-10KT, 2.5 x 2.00 x 0.56 mm
Pin Configuration - Single Ended
Pin No.
Label
1
Downlink
3
Uplink
6
Ant/Phase Inductor
2,4,5,7,8,,9
Ground
Functional Block Diagram
1
2
3
4
5
6
7
8
Top View
General Description
The 857182 is a high-performance Surface Acoustic
Wave (SAW) duplexer designed to meet the strict LTE
requirements for use in Band 17.
857182 is specifically designed to meet the high
performance expectations of insertion loss, isolation
and rejection in LTE systems operating in B17
applications under all operating condition.
The 857182 uses common packaging techniques to
achieve the industry standard 2.5 x 2.0 mm footprint.
The
duplexer
exhibits
excellent
power
handling
capabilities.
Ordering Information
Part No.
Description
857182
Packaged Part
857182-EVB
Evaluation board description
Standard T/R size = 10,000 units/reel
Product Features
 High Rejection in Band 17
 Usable bandwidth 12 MHz
 High Uplink-Downlink Isolation
 Low loss
 High attenuation
 Single-ended Downlink and Uplink operation
 Ceramic chip-scale Hermetic Package (CSP)
 Small Size: 2.5 x 2.00 x 0.56 mm
 Hermetic RoHS compliant, Pb-free


Podobny numer części - 857182_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TriQuint Semiconductor
857181 TRIQUINT-857181 Datasheet
1Mb / 9P
782/751 MHz Duplexer
857181-EVB TRIQUINT-857181-EVB Datasheet
1Mb / 9P
782/751 MHz Duplexer
857181 TRIQUINT-857181_15 Datasheet
1Mb / 9P
782/751 MHz Duplexer
More results

Podobny opis - 857182_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0881A TAI-SAW-TA0881A Datasheet
406Kb / 7P
SAW Filter 710 MHz
TA0882A TAI-SAW-TA0882A Datasheet
404Kb / 7P
SAW Filter 740 MHz
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
710/740 MHz Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
800/842 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
SAW Filter 710 MHz
TA1876A TAI-SAW-TA1876A Datasheet
237Kb / 7P
SAW Filter 710 MHz
TA2439B TAI-SAW-TA2439B Datasheet
483Kb / 8P
SAW Filter 710 MHz
TA2440B TAI-SAW-TA2440B Datasheet
1Mb / 10P
SAW Filter 740 MHz
logo
Golledge Electronics Lt...
MP01767 GOLLEDGE-MP01767 Datasheet
129Kb / 6P
SAW Filter 710 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com