Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

857182 Arkusz danych(PDF) 5 Page - TriQuint Semiconductor

Numer części 857182
Szczegółowy opis  710/740 MHz SAW Duplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857182 Arkusz danych(HTML) 5 Page - TriQuint Semiconductor

  857182_15 Datasheet HTML 1Page - TriQuint Semiconductor 857182_15 Datasheet HTML 2Page - TriQuint Semiconductor 857182_15 Datasheet HTML 3Page - TriQuint Semiconductor 857182_15 Datasheet HTML 4Page - TriQuint Semiconductor 857182_15 Datasheet HTML 5Page - TriQuint Semiconductor 857182_15 Datasheet HTML 6Page - TriQuint Semiconductor 857182_15 Datasheet HTML 7Page - TriQuint Semiconductor 857182_15 Datasheet HTML 8Page - TriQuint Semiconductor 857182_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
857182
710/740 MHz SAW Duplexer
Data Sheet: Rev A 09-18-2014
- 5 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Performance Plots
Test conditions unless otherwise noted: Temp= +25°C
UL Frequency Response
d
B
Frequency (MHz)
d
B
-100
-80
-60
-40
-20
0
630
675
720
765
810
UL Passband Response
d
B
Frequency (MHz)
d
B
-8
-6
-4
-2
0
690
700
710
720
730
UL Wideband Response
d
B
Frequency (MHz)
d
B
-100
-80
-60
-40
-20
0
10
757.5
1505
2252.5
3000
UL Return Loss
d
B
Frequency (MHz)
d
B
-30
-20
-10
0
690
700
710
720
730
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0.2
0.4
0.6
0.8
1
-1
-0 .5
0
0.5
1
UL Path - Ant Port Impedance
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0.2
0.4
0.6
0.8
1
-1
-0 .5
0
0.5
1
UL Port Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com