Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2971 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN2971
Szczegółowy opis  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN2971 Datasheet HTML 1Page - STMicroelectronics AN2971 Datasheet HTML 2Page - STMicroelectronics AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2009
Doc ID 15627 Rev 1
1/12
AN2971
Application note
Using the typical temperature characteristics of 32 KHz crystal
to compensate the M41T83 and the M41T93 serial real-time clocks
Introduction
Typical real-time clocks employ 32 KHz tuning fork crystals. While being well suited to the
low-power needs of battery-backed applications, they can drift significantly over the
industrial temperature range –40 to +85°C. At the extreme temperatures, drifts are
somewhere between –108 and –177 parts per million (ppm), a loss of about 5 to 8 minutes
per month. Full temperature compensation is possible, but costly. However, a simplified
technique can be employed which can greatly improve the drift, and hence improve the
timekeeping accuracy of the RTC without adding significant cost.
Knowing the general shape of the tuning fork crystal's temperature curve, such a
compensation scheme is possible in applications where a temperature sensor is in use.
As shown in Figure 1 below, in the shaded portion nearer the bottom, the accuracy of the
32 KHz crystal falls off appreciably as the temperature approaches the limits of operation.
The pink line in the middle of that region is considered the typical behavior. If the oscillator
is adjusted for the expected or typical curve, the accuracy approaches the shaded region
depicted at the top of the figure, to something nearer the range ±25 ppm, about 1 minute per
month, a much more tolerable range of accuracy. Essentially, this technique takes the
bottom shaded region and straightens it out along the temperature axis.
In many applications that level of accuracy is all that is required. This document describes
how to implement such a compensation scheme.
Figure 1.
32 KHz crystal drift versus temperature
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
TEMP (°C)
MIN
TYP
post-max
post-min
Uncompensated
range of drift versus
temperature
MAX
-180
-130
-80
-30
20
-170
-120
-70
-20
30
-160
-110
-60
-10
-150
-100
-50
0
-140
-90
-40
10
AM03096v1
www.st.com


Podobny numer części - AN2971

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
Designing an antenna for the M24LRxx-R
21-Dec-2012
AN2979 STMICROELECTRONICS-AN2979 Datasheet
294Kb / 12P
Implementing a simple ADC using the STM8L101xx comparator
12-Feb-2010
More results

Podobny opis - AN2971

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GRM0332C1E3R6CA01 MURATA-GRM0332C1E3R6CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R6WA01 MURATA-GRM0332C1E3R6WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R7CA01 MURATA-GRM0332C1E3R7CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E4R0BA01 MURATA-GRM0332C1E4R0BA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E4R3WA01 MURATA-GRM0332C1E4R3WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E4R5WA01 MURATA-GRM0332C1E4R5WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E4R8BA01 MURATA-GRM0332C1E4R8BA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E4R9WA01 MURATA-GRM0332C1E4R9WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
logo
MICORO CRYSTAL SWITZERL...
MS1V-T1K MICROCRYSTAL-MS1V-T1K_16 Datasheet
218Kb / 2P
Tuning Fork Crystal 32 kHz ??100 kHz
MS3V-T1R MICROCRYSTAL-MS3V-T1R_16 Datasheet
222Kb / 2P
Tuning Fork Crystal 32 kHz ??100 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com