Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2971 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2971
Szczegółowy opis  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2971 Datasheet HTML 1Page - STMicroelectronics AN2971 Datasheet HTML 2Page - STMicroelectronics AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Additional considerations
AN2971
4/12
Doc ID 15627 Rev 1
For the purposes of this application note, the net result of considering the turnover point is
an increase in the amount of uncertainty in the drift at the temperature extremes. With this
added, the straightened uncertainty region shown at the top of Figure 1 becomes that of
Figure 4 below.
Figure 4.
Range of drift after compensation
In Figure 4, the black dashed lines show the entire range of the drift after compensation. As
before, in Figure 1, the gray region represents the parabolas after they have been
straightened along the temperature axis.
After compensation, the drift should be no worse than ±20 ppm in the range –10 to +50°C,
and typically less than ±10 ppm in that range as shown by the gray dashed lines for
T0 = 25°C
Crystal equation
The drift of a tuning fork crystal is described by the equation below.
Here, the drift is expressed as a fraction of the nominal frequency, f0. The factory calibration
adjusts for the deviation of f0 from 32768 Hz. T0 is the turnover point, and T is the
temperature, in Celsius. k is a constant in the range 0.030 to 0.042, with a typical value of
0.036. When plotted, the equation gives the curves shown in Figure 1 through 4. The typical
case in Figure 1 is for k = 0.036. The other values of k give the minimum and maximum
(dashed line) curves.
-60
-50
-40
-30
-20
-10
0
10
20
30
40
-50 -40 -30 -20 -10
0 10
20 30
40 50 60
70 80
90 100
TEMP (°C)
T0=
25°C
T0=20
to 30°C
AM04630v1
()2
0
0
T
T
k
f
f
=
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com