Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3028 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3028
Szczegółowy opis  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 6Page - STMicroelectronics AN3028 Datasheet HTML 7Page - STMicroelectronics AN3028 Datasheet HTML 8Page - STMicroelectronics AN3028 Datasheet HTML 9Page - STMicroelectronics AN3028 Datasheet HTML 10Page - STMicroelectronics AN3028 Datasheet HTML 11Page - STMicroelectronics AN3028 Datasheet HTML 12Page - STMicroelectronics AN3028 Datasheet HTML 13Page - STMicroelectronics AN3028 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Transformer
AN3028
10/37
Doc ID 16135 Rev 1
3
Transformer
The characteristics of the transformer are listed in the table below
The figures below show the size and pin distances (mm) of the transformer.
Table 3.
Transformer characteristics
Parameter
Test conditions
Value
Manufacturer
MAGNETICA
Part number
1335.0062
Primary inductance
Measured at 1 kHz 0.1 V
1.2 mH ±15%
Leakage inductance
Measured at 10 kHz 0.1 V
2.9%
Primary to secondary turn ratio (4 - 5)/(7, 8)
Measured at 10 kHz 0.1 V
7.85 ±5%
Primary to auxiliary turn ratio (4 - 5)/(1 - 2)
Measured at 10 kHz 0.1 V
7.33 ±5%
Figure 4.
Transformer size and pin diagram
(a) Pin distances
(b) Electrical diagram
Figure 5.
Transformer size
(a) Side view
(b) Terminal view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com