Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3064 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN3064
Szczegółowy opis  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 3Page - STMicroelectronics AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN3064
Battery monitoring functions
Doc ID 16263 Rev 1
7/15
Figure 5.
Coulomb counter operation
2.2
Coulomb counter reading
The charge data as well as the conversion count can be read at any time by the system
controller. The recommended procedure is to read the locations REG_CHARGE (2 bytes)
and REG_COUNTER (2 bytes) in one go using a single I²C block read to ensure data
consistency between the accumulator and counter.
The charge code is a 16-bit binary number using the two’s complement binary format. Bit 15
is the sign bit and the LSB value is 6.70 µV.h. To convert the charge data into mA.h, the
external resistance Rsense must be taken into account:
charge data (mA.h) = 6.70 * charge_code / Rsense (m
Ω).
When the result of an accumulation exceeds the limits of a signed binary number (below
0x8000 or above 0x7FFFF), the carry bit is lost, no overflow is generated and the
accumulator continues to accumulate.
I
battery
current
(mA)
Idle
Fast charge
End of
charge
Idle
Medium
discharge rate
Fast
discharge rate
Coulomb counter detail:
current samples are
accumulated at each
end of conversion:
Acc =
Σ(Ι x Δt)
Δt
AM04581
Acc
Coulomb
counter
accumulator
(mA.h)
End of
discharge
Time
Discharge
current
Time
Charge
current
Table 1.
REG_CHARGE_LOW. address 2 (02h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
00
Coulomb counter data
Table 2.
REG_CHARGE_HIGH. address 3 (03h)
Name
Pos.
Type
Power-
up
Description
DATA[15..8]
[7..0]
R
00
Coulomb counter data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com