Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3064 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części AN3064
Szczegółowy opis  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Arkusz danych(HTML) 2 Page - STMicroelectronics

  AN3064 Datasheet HTML 1Page - STMicroelectronics AN3064 Datasheet HTML 2Page - STMicroelectronics AN3064 Datasheet HTML 3Page - STMicroelectronics AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Using the STC3100
AN3064
2/15
Doc ID 16263 Rev 1
1
Using the STC3100
1.1
Brief description of the STC3100
The STC3100 battery monitoring function includes the measurement of the battery voltage
and current, measurement of the IC’s die temperature and computation of the battery
charge variation (Coulomb counter). An external sense resistor is used in series with the
battery to adapt the current measurement to the application requirements.
Figure 1 shows a typical application using the STC3100.
Figure 1.
Typical application diagram for the STC3100
The STC3100 mode and operation are controlled through an I²C interface. SCL and SDA
are the clock and data signals of the I²C interface.
1.2
Internal or external 32,768 Hz timebase
The Coulomb counter system needs an accurate 32,768 Hz timebase to compute the level
of charge flowing from and to the battery. The STC3100 can operate from an internal
oscillator or use an external RTC signal for highest accuracy. To use the internal oscillator, a
200 k
Ω 0.1% resistor must be connected to the ROSC pin. The accuracy of the internal
oscillator is 2.5% maximum over the supply voltage and temperature ranges. An external
RTC signal can be applied to the ROSC pin (no resistor required in this case). The signal
must be a square wave with a low level below 0.5 V and a high level above 1.5 V.
GND
SDA
SCL
ROSC
VCC
VIN
CG
IO0
STC3100
Battery
Rcg
uC with
Gas Gauge
firmware
32768 Hz
clock
I2C bus
Battery State-of-charge
Battery data
80 %
Remaining percentage
Remaining time
2:06
0.32 A
Current
3.71 V
Voltage
27 ° C
Temperature
AM04578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com