Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3064 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN3064
Szczegółowy opis  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN3064 Datasheet HTML 1Page - STMicroelectronics AN3064 Datasheet HTML 2Page - STMicroelectronics AN3064 Datasheet HTML 3Page - STMicroelectronics AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN3064
Using the STC3100
Doc ID 16263 Rev 1
3/15
Figure 2.
ROSC connection for internal or external timebase
The STC3100 automatically recognizes the presence of the external clock signal and uses it
if present. The internal oscillator, however, can be inhibited to force the use of an external
signal by setting the SEL_EXT_CLK bit in the REG_MODE register.
1.3
STC3100 external components
The Rcg resistor is used to sense the current flowing into or from the battery. The value of
the Rcg resistor must be selected based on the maximum peak current in the application;
the voltage drop across the Rcg resistor must not exceed +/-80 mV.
Rcg resistance (Ohm) <= 0.08/peak current (A).
For instance, a current of up to +/- 2 A can be monitored using a 33 m
Ω resistor.
The STC3100 has separate pins for the power supply (VCC) and voltage measurement
(VIN) inputs, providing an easy way of implementing an input filter or additional ESD
protection without affecting the accuracy of the voltage measurement.
Figure 3.
STC3100 connections with VIN input filter and additional ESD protection
C1 is the normal recommended decoupling capacitor (1 µF).
R1 and D1 provide additional ESD protection to the STC3100’s VCC pin. A typical value for
R1 is 150
Ω and D1 is a 5.6 V Zener diode.
R2 provides additional ESD protection to the STC3100’s VIN pin. A typical value for R2 is
1 k
Ω.. The input impedance of the VIN pin is approximately 500 kΩ; an R2 resistor value of
1 k
Ω will not affect the accuracy of the battery voltage measurement. The VIN input must be
connected directly (through the R2 resistor) to the battery’s positive terminal.
AM04579
ROSC
STC3100
ROSC
STC3100
32,768 Hz RTC
200 k
Ω, 0.1%
AM04580
VCC
VIN
CG
STC3100
Battery
Rcg
R1
R2
C1
C2
D1
GND
Gnd
System supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com