Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4154 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN4154
Szczegółowy opis  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 3Page - STMicroelectronics AN4154 Datasheet HTML 4Page - STMicroelectronics AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics AN4154 Datasheet HTML 10Page - STMicroelectronics AN4154 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN4154
Transformer specifications
Doc ID 023578 Rev 2
7/21
2
Transformer specifications
Table 2.
Flyback transformer specifications
Parameter
Specification
Max. output power
7 W
Input voltage range
90 - 265 Vac
Primary inductance
2 mH @ 50 kHz
Primary side leakage inductance
<3% @ 50 kHz
Peak primary current
0.4 A
Saturation current
1 A
Minimum switching frequency
50 kHz
Core size
E20/10/6
Ferrite material
N87, Epcos or equivalent
Bobbin
10-pin horizontal
Isolation Pri to Sec
>2 kV
Isolation Vsec7V_iso to VSec5V
>4 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com