Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4154 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN4154
Szczegółowy opis  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN4154 Datasheet HTML 1Page - STMicroelectronics AN4154 Datasheet HTML 2Page - STMicroelectronics AN4154 Datasheet HTML 3Page - STMicroelectronics AN4154 Datasheet HTML 4Page - STMicroelectronics AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical specifications
AN4154
4/21
Doc ID 023578 Rev 2
1
Electrical specifications
Figure 1.
Block diagram
Table 1.
Input/output specifications
Parameters
Limits
Min. operating voltage, Vacmin
90 Vac
Max. operating voltage, Vacmax
265 Vac, 440 Vmax
Mains frequency, fL
50 Hz+/-3 Hz
Input / output isolation
Yes, Galvanic Isolation, >2.7 kV
Nominal output voltage, Vout
– 5 V/70 mA nominal, 1 A max.
– 3.3 V/30 mA nominal, 150 mA max.
– 12 V/2 mA nominal, 100 mA max.
– 5 V_ISO/ 2 mA nominal, 80 mA max.
Total output power, Pout
1 W nominal, 7.5 W (during transmission mode)
Typical efficiency @ 230 Vac
>75%
Output voltage peak-to-peak ripple
<100 mV
Protection
– Should be able to withstand 440 V for 3 hrs
– Short-circuit protection
Topology
Q-Resonant flyback converter, primary side
regulation
Reflected voltage of transformer (VR)
100 V
Max. ambient temperature
45 °C
Enclosure type
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com