Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4154 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN4154
Szczegółowy opis  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN4154 Datasheet HTML 1Page - STMicroelectronics AN4154 Datasheet HTML 2Page - STMicroelectronics AN4154 Datasheet HTML 3Page - STMicroelectronics AN4154 Datasheet HTML 4Page - STMicroelectronics AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN4154
List of figures
Doc ID 023578 Rev 2
3/21
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
ALTAIR04-900 pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Package (SO-16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Multi-mode operation of ALTAIR04-900 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Drain-source voltage and current at 90 Vac and typical load on all outputs . . . . . . . . . . . . 11
Figure 6.
Drain-source voltage and current at 150 Vac and typical load on all outputs . . . . . . . . . . . 11
Figure 7.
Drain-source voltage and current at 230 Vac and typical load on all outputs . . . . . . . . . . . 12
Figure 8.
Drain-source voltage and current at 265 Vac and typical load on all outputs . . . . . . . . . . . 12
Figure 9.
Drain-source voltage and current at 300 Vac and typical load on all outputs . . . . . . . . . . . 13
Figure 10.
Drain-source voltage and Vcc at 450 Vac and typical load on all outputs . . . . . . . . . . . . . 13
Figure 11.
Drain-source voltage during output short-circuit at 230 Vac and max. load . . . . . . . . . . . . 14
Figure 12.
Schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
PCB layout (top and bottom views) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com