Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0920 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części UM0920
Szczegółowy opis  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics UM0920 Datasheet HTML 10Page - STMicroelectronics UM0920 Datasheet HTML 11Page - STMicroelectronics UM0920 Datasheet HTML 12Page - STMicroelectronics UM0920 Datasheet HTML 13Page - STMicroelectronics UM0920 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Board details
UM0920
10/14
Doc ID 17220 Rev 2
3.5
Bill of materials
Table 2.
Bill of materials
Number Quantity
Ref.
Value / generic part
number
Package / class
Manufacturer
1
1
R1
22
Ω / 2 W / 5%
2
2
R2, R7
200 k
Ω / 5%
1206
3
1
R3
4.7 k
Ω / 1% / 0.1 W
0805
4
1
R4
4.7 k
Ω / 5% / 0.1 W
0805
5
1
R6
9.1 k
Ω / 1% / 0.1 W
0805
6
2
C1, C7
100 µF / 25 V / 105 °C
D8 RM 5
Rubycon
7
1
C2
1 nF / 500 V
1206
8
2
C4, C5
10 µF / 400 V / 105 °C
D10 x 20 RM 5
9
1
C8
1 nF / 50 V
0805
10
1
C9
100 nF / 50 V
0805
11
1
C10
10 µF / 35 V / 105 °C
12
1
L1
2.2 mH / 80 mA
13
1
T1
EF16
T5684-51-01
EPCOS
14
1
D1
TMMBAT41
SOD80
15
1
D2
STPS1H100
SMA
STMicroelectronics
16
2
D3, D6
SMD 1N4007
MELF / SMA
17
1
D4
STPS1L60
SMA
STMicroelectronics
18
1
D5
STTH1L06
SMA
STMicroelectronics
19
1
U1
VIPER16
DIP-7
STMicroelectronics
20
1
J1
Screw terminal 2 pos.
RM 5 mm
21
1
J2
Screw terminal 3 pos.
RM 5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com