Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0920 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części UM0920
Szczegółowy opis  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Arkusz danych(HTML) 4 Page - STMicroelectronics

  UM0920 Datasheet HTML 1Page - STMicroelectronics UM0920 Datasheet HTML 2Page - STMicroelectronics UM0920 Datasheet HTML 3Page - STMicroelectronics UM0920 Datasheet HTML 4Page - STMicroelectronics UM0920 Datasheet HTML 5Page - STMicroelectronics UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Main characteristics
UM0920
4/14
Doc ID 17220 Rev 2
1
Main characteristics
●
Input:
–VIN: 85 - 264 VRMS
–
f: 45 - 66 Hz
●
Output:
–
12 VDC ± 10% (referred to -5 V), 160 mA
–
-5 VDC ± 4%, 400 mA
–
Max output power: 4 W (range is up to 6 W for EU)
●
Standby power: 35 mW at 230 VAC
●
Short-circuit protected
●
PCB data:
–
Single-sided, 35 µm FR4
–
33 x 45 mm (effective size of SMPS circuitry)
●
Isolation: non-isolated, N connected to output GND
●
EMI: compliant with EN55022 Class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com