Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0920 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części UM0920
Szczegółowy opis  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Arkusz danych(HTML) 3 Page - STMicroelectronics

  UM0920 Datasheet HTML 1Page - STMicroelectronics UM0920 Datasheet HTML 2Page - STMicroelectronics UM0920 Datasheet HTML 3Page - STMicroelectronics UM0920 Datasheet HTML 4Page - STMicroelectronics UM0920 Datasheet HTML 5Page - STMicroelectronics UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UM0920
List of figures
Doc ID 17220 Rev 2
3/14
List of figures
Figure 1.
STEVAL-ISA071V2 board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Input/output connection of SMPS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
STEVAL-ISA071V2 circuit schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
PCB layout - top layer, bottom SMD layer and bottom copper layer . . . . . . . . . . . . . . . . . . 9
Figure 5.
Efficiency at 120 VAC and 230 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
Load characteristics of 12 V output at 120 VAC and 230 VAC. . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
EMI measurement for EN55022 Class B - AVG detector . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
EMI measurement for EN55022 Class B - peak detector . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com