Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN910 Arkusz danych(PDF) 50 Page - STMicroelectronics

Numer części AN910
Szczegółowy opis  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Arkusz danych(HTML) 50 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 43Page - STMicroelectronics AN910 Datasheet HTML 44Page - STMicroelectronics AN910 Datasheet HTML 45Page - STMicroelectronics AN910 Datasheet HTML 46Page - STMicroelectronics AN910 Datasheet HTML 47Page - STMicroelectronics AN910 Datasheet HTML 48Page - STMicroelectronics AN910 Datasheet HTML 49Page - STMicroelectronics AN910 Datasheet HTML 50Page - STMicroelectronics AN910 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
50/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
As theoretical results are close to actual results with internal memory (see <Italic>9.1.1
Execution time measure<Italic end>), there are only two main cases (for each MCU):
• tests which have been performed (theoretically or practically with internal or external memory)
• tests which have not been implemented (due to various reasons)
As a matter of facts, there are two different sets of tests:
•the reduced set of tests performed on all the MCUs
•the full set of tests performed only on some MCUs
A rapid view on results show that the ratios obtained using both set of tests are not very
different (see <Italic>4.1 Preliminary remark<Italic end>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51