Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2036 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2036
Szczegółowy opis  Solderability Tests
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2036 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2036 Datasheet HTML 1Page - STMicroelectronics AN2036 Datasheet HTML 2Page - STMicroelectronics AN2036 Datasheet HTML 3Page - STMicroelectronics AN2036 Datasheet HTML 4Page - STMicroelectronics AN2036 Datasheet HTML 5Page - STMicroelectronics AN2036 Datasheet HTML 6Page - STMicroelectronics AN2036 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
AN2036 - APPLICATION NOTE
Table 2. Test Conditions
Note: Non activated flux to be 25% by weight of colophany diluted in isopropanol as per IPC J-STD004.
Surface Mount
Devices
–
8 hours steam ageing or ageing in humidity chamber at 85°C and 85%rH (Humidity
chamber used for pre-plated components)
–
Dry ageing at 150°C: 8 hours for NiPdAu Pre-plated units and 16 hours for solder coated
units (Ageing is non cumulative = to be done on different samples)
Lead-free
Solder
Sn-Ag-Cu melted at 245°C
Flux dipping
5 to 10 seconds
Solder dipping
5 seconds ±0.5s for Tin
based connection coatings
10 seconds ±0.5 s for Pre-
plated NiPd(Au) connections
Leaded Solder
Sn-Pb melted at 220°C
Flux dipping
5 to 10 seconds
Solder dipping
5 seconds ±0.5s for Tin
based connection coatings
10 seconds ±0.5s for Pre-
plated NiPd(Au) connections
Solder Wave Resistance to Dissolution
Device that can be soldered by wave soldering
Sn-Pb or Sn-Ag-Cu melted at 260°C
Flux dipping
5 to 10 seconds
Solder dipping
10 seconds ±0.5s
Insertion Packages or
Through Hole
Devices
8 hours steam ageing or ageing in humidity chamber at 85°C and 85%rH
Lead-free Solder
Sn-Ag-Cu melted at 245°C
Flux dipping
5 to 10 seconds
Solder dipping
5 seconds ±1s
Leaded Solder
Sn-Pb melted at 245°C
Flux dipping
5 to 10 seconds
Solder dipping
5 seconds ±1s



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com