Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2036 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2036
Szczegółowy opis  Solderability Tests
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2036 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2036 Datasheet HTML 1Page - STMicroelectronics AN2036 Datasheet HTML 2Page - STMicroelectronics AN2036 Datasheet HTML 3Page - STMicroelectronics AN2036 Datasheet HTML 4Page - STMicroelectronics AN2036 Datasheet HTML 5Page - STMicroelectronics AN2036 Datasheet HTML 6Page - STMicroelectronics AN2036 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
AN2036 - APPLICATION NOTE
WETTING BALANCE TEST
Connections are dipped inside a non-activated flux. Then the package is loaded on the wetting balance
arm, and the connections are dipped into a molten solder. The force exerted on the balance arm is plotted
as a function of time.
This test cannot be applied for all the packages. It can, though, be adjusted to fit special cases.
Typical forces versus time curves are shown in Figure 2.
Figure 2. Wetting Force Plotted against Time, for Three Cases
The shape of the curves can be explained as follows:
–
At the beginning, the buoyancy forces (due to the interfacial tension) are predominant, and so the
wetting force is negative.
–
Gradually, the solder begins to wet the terminals, and the wetting force increases with time,
overcoming the buoyancy force.
–
Eventually, it reaches a flat (plateau) zone.
No Forced Ageing
Ageing:
16 hours, 150°C
Ageing:
8 hours, 85°C and
85% Humidity
Immersion: 10 seconds



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com