Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2675 Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części AN2675
Szczegółowy opis  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics AN2675 Datasheet HTML 18Page - STMicroelectronics AN2675 Datasheet HTML 19Page - STMicroelectronics AN2675 Datasheet HTML 20Page - STMicroelectronics AN2675 Datasheet HTML 21Page - STMicroelectronics AN2675 Datasheet HTML 22Page - STMicroelectronics AN2675 Datasheet HTML 23Page - STMicroelectronics AN2675 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
IAP using HTTP
AN2675
22/24
3.6
Driver description
The IAP using HTTP application is a mini web server that offers possibility to upload files. It
is based on the uIP stack that manages all TCP/IP traffic. uIP is a free TCP/IP stack
designed originally for 8-bit/16-bit microcontrollers. For more details about the uIP stack
please refer to: www.sics.se/~adam/uip/.
The Application Layer is controlled by functions included in the "httpd.c" file.
In addition, there are some configuration and control functions included in the file “util.c”, the
ENET FWLib folder, which is the driver of the STR91xFA ENET, and some files from the
STR91xFA Standard library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24