Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2675 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2675
Szczegółowy opis  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2675 Datasheet HTML 1Page - STMicroelectronics AN2675 Datasheet HTML 2Page - STMicroelectronics AN2675 Datasheet HTML 3Page - STMicroelectronics AN2675 Datasheet HTML 4Page - STMicroelectronics AN2675 Datasheet HTML 5Page - STMicroelectronics AN2675 Datasheet HTML 6Page - STMicroelectronics AN2675 Datasheet HTML 7Page - STMicroelectronics AN2675 Datasheet HTML 8Page - STMicroelectronics AN2675 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN2675
Theory of operation
3/24
1
Theory of operation
1.1
IAP overview
In-Application Programming (IAP) is used to update the contents of the Flash memory in the
field without the use of any special hardware tool. To update firmware, the user must run the
IAP application that downloads the new firmware to the Flash memory.
The flowchart of the IAP driver is given below:
Figure 1.
Flowchart of the IAP driver
1.2
IAP using Ethernet on STR9
1.2.1
Ethernet interface
STR91xFA devices in 128-pin and 144-pin packages provide an IEEE-802.3-2002 compliant
Media Access Controller (MAC) for Ethernet LAN communications through an industry
standard Medium Independent Interface (MII). The STR91xFA requires an external Ethernet
physical interface device (PHY) to connect to the physical LAN bus (twisted-pair, fiber, etc.).
1.2.2
IAP using Ethernet
The principle of the IAP over Ethernet consists of loading the new firmware from a PC via
network.
The IAP application over Ethernet should be built on top of a TCP/IP suite protocol.
Start
Enter
IAP?
IAP initialization
Load Data
Jump to user application
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com