Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2675 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2675
Szczegółowy opis  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2675 Datasheet HTML 1Page - STMicroelectronics AN2675 Datasheet HTML 2Page - STMicroelectronics AN2675 Datasheet HTML 3Page - STMicroelectronics AN2675 Datasheet HTML 4Page - STMicroelectronics AN2675 Datasheet HTML 5Page - STMicroelectronics AN2675 Datasheet HTML 6Page - STMicroelectronics AN2675 Datasheet HTML 7Page - STMicroelectronics AN2675 Datasheet HTML 8Page - STMicroelectronics AN2675 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Theory of operation
AN2675
4/24
Figure 2.
IAP using Ethernet
The full TCP/IP suite consists of numerous protocols, ranging from the low level protocol to
the application level protocol.
The TCP/IP suite uses encapsulation to provide abstraction of protocols and services.
Generally, a protocol at a higher level uses a protocol at a lower level to help it fulfil its
purpose.
Figure 3.
Example of TCP/IP encapsulation
The control of the physical layer is performed by the ENET FWLib, which is the Ethernet
driver developed by STMicroelectronics for the STR91xFA MAC/DMA controller (ENET). For
more information please refer to STR91xFA ENET Firmware Library User Manual
(UM0248).
1.2.3
Application layer
The Application Layer is in charge of loading the file. The TCP/IP stack provides dedicated
solutions for file loading over network, such as the Trivial File Transfer Protocol (TFTP)
which is a very simple file transfer protocol.
This protocol transfers files from a server following a request. Therefore, you must have
TFTP server on the network to perform file loading.
Binary file of
the new
firmware
STR912F board
PC
TCP/IP
Application Data
TCP/UDP
header
IP header
Ethernet
header
Application Data
TCP Segment
IP Datagram
Physical
Encapsulation
Ethernet frame
FCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com