Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2979 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2979
Szczegółowy opis  Implementing a simple ADC using the STM8L101xx comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2979 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2979 Datasheet HTML 3Page - STMicroelectronics AN2979 Datasheet HTML 4Page - STMicroelectronics AN2979 Datasheet HTML 5Page - STMicroelectronics AN2979 Datasheet HTML 6Page - STMicroelectronics AN2979 Datasheet HTML 7Page - STMicroelectronics AN2979 Datasheet HTML 8Page - STMicroelectronics AN2979 Datasheet HTML 9Page - STMicroelectronics AN2979 Datasheet HTML 10Page - STMicroelectronics AN2979 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN2979
Hardware description
Doc ID 15651 Rev 1
7/12
3
Hardware description
Figure 6.
Circuit diagram
STM8L101 evaluation board settings:
■ Remove jumper JP2 to connect an external input voltage instead of the potentiometer
input. With the potentiometer RV1, the value is limited to 0.8 V and the signal is noisy (due
to the LCD). So the display on the LCD screen would not be stable.
■ Connect the external ADC voltage input directly to PD2.
■ Ground together the evaluation board and the external ADC signal.
■ An accurate 3.3 V MCU voltage can be tuned on the evaluation board using RV4.
(COMP2_CH3)
PA6
(COMP_REF)
R=10 kΩ
C=100 nF
STM8L10x
PB0
PC4
VSS
PD2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com